PART |
Description |
Maker |
30.302 30.303 30.304 30.305 30.306 30.307 30.308 3 |
Metric Pin Spacinga Tubular Screw Clamp Plug
|
Altech corporation
|
121-14207-1 121-14207-2 121-14207-3 |
POWER TERMINAL C-PRESS 6 PIN
|
Winchester Electronics Corporation
|
120-1134 120-1134-04-03-00 120-1134-05-03-00 |
BRASS, GOLD FINISH, PCB TERMINAL Solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
572-4892 572-4892-01-01-16 |
BRASS, SILVER FINISH, PCB TERMINAL Insulated solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
43045-0613 43045-1013 43045-1213 43045-0213 43045- |
Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Mini-Fit 3.0; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Microfit 3.0 Vert Thrhole DR 15Au 22 Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,PC TAIL W/RETNN Terminal,POLARIZED LCK 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
H2103-01 H2102-01 H2101-01 |
0.95mm Terminal Pin, Double-ended, for 3.2mm panel thickness BRASS, TIN OVER NICKEL FINISH, PCB TERMINAL
|
Harwin Plc
|
39390-0102 39390-0103 39380-0102 39380-0103 |
EUROSTYLE 9 52 FIXED PIN 3 CIR 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 6.35 and 9.52mm (.250 and .375? Pitch Beau? Eurostyle? Terminal Blocks 6.35 and 9.52mm (.250 and .375隆卤) Pitch Beau垄莽 Eurostyle垄莽 Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
50896-7112 0508967112 |
Wire Pin Terminal, Type A, for 22-16 AWG Wire, Pin Size 1.70mm (.067) Round
|
Molex Electronics Ltd.
|
02-09-8107 02-09-8103 02-09-8108 02-09-8109 02-09- |
CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES 093 Male GrdPin Term Chain 18-22 BRASS, TIN FINISH, WIRE TERMINAL Crimp Pin Contact; Wire Size (AWG):22-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN FINISH, WIRE TERMINAL 093 Male GrdPin Term Chain 14-18 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
0192110003 192110003 WP-1218 |
Krimptite Wire Pin Terminal for 22-18 AWG Wire Krimptite垄芒 Wire Pin Terminal for 22-18 AWG Wire
|
Molex Electronics Ltd.
|
MAX1603 MAX1603EAI MAX159BMJA MAX159BEPA MAX159AEU |
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin MAX 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin ?MAX 2.7V Low-Power 2-Channel 108ksps Serial 10-Bit ADCs in 8-Pin ?MAX KPSE 12C 8#20 4#16 PIN RECP 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX 2.7V、低功耗通道108ksps、串0位ADC引脚µMAX封装 CAP 33UF 100V ELECT TG SMD
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC MAXIM INTEGRATED PRODUCTS INC
|
|